Part Number Hot Search : 
29L683C KTD20 KTD20 SMAJ40 ADUC842 TCA750 0402C AD53508
Product Description
Full Text Search
 

To Download SBL10100CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BLGALAXY ELECTRICAL
SCHOTTKY BARRIER RECTIFIER
FEATURES
Metal-Semiconductor junction with guard ring Epitaxial construction Low forward voltage drop,low switching losses High surge capability For use in low voltage,high frequency inverters free xxxx wheeling,and polarity protection applications The plastic material carries U/L recognition 94V-0
SBL1030CT - - - SBL10100CT
VOLTAGE RANGE: 30 --- 100 V CURRENT: 10 A
TO-220AB
MECHANICAL DATA
Case:JEDEC TO-220AB,molded plastic Terminals: Leads solderable per MIL- STD-750,Method 2026 Polarity: As marked Weight: 0.08ounce, 2.24 grams Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified. Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
SBL SBL SBL SBL SBL SBL SBL SBL UNITS 1030CT 1035CT 1040CT 1045CT 1050CT 1060CT 1080CT10100CT
Maximum recurrent peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forw ard rectified current TC=107 Peak forw ard surge current 8.3ms single half-sine-w ave superimposed on rated load TJ=125 Maximum instantaneous forw ard voltage @ 5.0A Maximum reverse current @TC=25
VRRM VRMS VDC IF(AV)
30 21 30
35 25 35
40 28 40
45 32 45 10
50 35 50
60 42 60
80 56 80
100 70 100
V V V A
IFSM VF IR RJC TJ TSTG
175
A
0.55 0.5 50 3.0
0.70
0.85
V mA /W
at rated DC blocking voltage @TC=100 Typical thermal resistance (Note1)
Operating junction temperature range Storage temperature range
Note: 1. Thermal resistance junction to case.
-55--- + 150 -55--- + 150
www.galaxycn.com
Document Number 0266073
BLGALAXY ELECTRICAL
1.
RATINGS AND CHARACTERISTIC CURVES
FIG.1 -- PEAK FORWARD SURGE CURRENT AVERAGE FORWARD OUTPUT CURRENT, AMPERES PEAK FORWARD SURGE CURRENT,
SBL1030CT---SBL10100CT
FIG.2 -- FORWARD DERATING CURVE
200 175 160 8.3ms Single Half Sine Wave TJ=125
10
8
AMPERES
6
120
4
80
2
40
0 25 50 75 100 125 150
0 1
10
100
NUMBER OF CYCLES AT 60HZ
CASE TEMPERATURE,
FIG.3 -- TYPICAL FORWARD CHARACTERISTIC
FIG.4 -- TYPICAL REVERSE CHARACTERISTIC
INSTANTANEOUS FORWARD CURRENT, AMPERES
INSTANTANEOUS REVERSE CURRENT, MILLIAMPERES
10 Tc=100 1.0
200 100
SBL1030CT-SBL1045CT
SBL1080CT-SBL10100CT
10
SBL1050CT-SBL1060CT
TC=25 0.1
T J= 2 5 P u ls e w id t h = 3 0 0 1 % D u t y C y c le
s
1
.2
.4
.6
.8
1.0
1 .2
1 .4
1 .6
1 .8
2.0
2.2
.01
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE INSTANTANEOUS FORWARD VOLTAGE, VOLTS
www.galaxycn.com
Document Number 0266073
BLGALAXY ELECTRICAL
2.


▲Up To Search▲   

 
Price & Availability of SBL10100CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X